Part Number Hot Search : 
A5800924 27011 MUR480ES D1120 TD111 TXV2N IDT72T5 XF001
Product Description
Full Text Search
 

To Download K6R4016C1D-TL0810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K6R4004C1D
Document Title
1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
PRELIMINARY CMOS SRAM
Revision History
Rev No. Rev. 0.0 Rev. 0.1 History Initial release with Preliminary. Change Icc. Isb and Isb1 Item ICC(Commercial) 10ns 12ns 15ns 10ns 12ns 15ns Previous 90mA 80mA 70mA 115mA 100mA 85mA 30mA 10mA Current 65mA 55mA 45mA 85mA 75mA 65mA 20mA 5mA Draft Data September. 7. 2001 November, 3. 2001 Remark Preliminary Preliminary
ICC(Industrial) ISB ISB1
Rev. 0.2
1. Correct AC parameters : Read & Write Cycle mA 2. Delete Low Ver. 3. Delete Data Retention Characteristics 1. Delete 15ns speed bin. 2. Change Icc for Industrial mode. Item 10ns ICC(Industrial) 12ns
November, 3. 2001
Preliminary
Rev. 0.3
Previous 85mA 75mA
Current 75mA 65mA
December, 18. 2001
Preliminary
Rev. 1.0
1. Final datasheet release. 2. Delete 12ns speed bin. 3. Delete UB,LB releated AC characteristics and timing diagram. 4. Correct Read Cycle time waveform(2). 1. Add the Lead Free Package type.
July, 09, 2002
Final
Rev. 2.0
July. 26, 2004
Final
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
-1-
Rev. 2.0 July 2004
K6R4004C1D
4Mb Async. Fast SRAM Ordering Information
Org. 1M x4 K6R4004V1D-J(K)C(I) 08/10 K6R4008C1D-J(K,T,U)C(I) 10 512K x8 K6R4008V1D-J(K,T,U)C(I) 08/10 K6R4016C1D-J(K,T,U,E)C(I) 10 256K x16 K6R4016V1D-J(K,T,U,E)C(I,L,P) 08/10 3.3 5 3.3 8/10 10 8/10 3.3 5 8/10 10 Part Number K6R4004C1D-J(K)C(I) 10 VDD(V) 5 Speed ( ns ) 10 PKG J : 32-SOJ K : 32-SOJ(LF)
PRELIMINARY CMOS SRAM
Temp. & Power
C : Commercial Temperature ,Normal Power Range I : Industrial Temperature J : 36-SOJ K : 36-SOJ(LF) ,Normal Power Range T : 44-TSOP2 L : Commercial Temperature U : 44-TSOP2(LF) ,Low Power Range P : Industrial Temperature J : 44-SOJ ,Low Power Range K : 44-SOJ(LF)
T : 44-TSOP2 U : 44-TSOP2(LF) E : 48-TBGA
-2-
Rev. 2.0 July 2004
K6R4004C1D
1M x 4 Bit High-Speed CMOS Static RAM
FEATURES
* Fast Access Time 10ns(Max.) * Low Power Dissipation Standby (TTL) : 20mA(Max.) (CMOS) : 5mA(Max.) Operating K6R4004C1D-10 : 65mA(Max.) Single 5.0V10% Power Supply * TTL Compatible Inputs and Outputs * Fully Static Operation - No Clock or Refresh required * Three State Outputs * Center Power/Ground Pin Configuration * Standard Pin Configuration K6R4004C1D-J : 32-SOJ-400 K6R4004C1D-K : 32-SOJ-400(Lead-Free) * Operating in Commercial and Industrial Temperature range.
PRELIMINARY CMOS SRAM
GENERAL DESCRIPTION
The K6R4004C1D is a 4,194,304-bit high-speed Static Random Access Memory organized as 1,048,576 words by 4 bits. The K6R4004C1D uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAMSUNGs advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6R4004C1D is packaged in a 400 mil 32-pin plastic SOJ.
PIN CONFIGURATION(Top View)
A0 A1 A2 A3 A4 CS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 A19 A18 A17 A16 A15 OE
FUNCTIONAL BLOCK DIAGRAM
Clk Gen.
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 I/O1~I/O4
I/O1 Vcc Vss
26 I/O4
SOJ
25 24
Vss Vcc
Pre-Charge Circuit
I/O2 WE A5
23 I/O3 22 21 20 19 18 A14 A13 A12 A11 A10
Row Select
A6
Memory Array 1024 Rows 1024 x 4 Columns
A7 A8 A9
17 N.C
Data Cont. CLK Gen.
A10
I/O Circuit Column Select
PIN FUNCTION
Pin Name A0 - A19 WE CS OE I/O1 ~ I/O4 VCC VSS N.C Pin Function Address Inputs Write Enable Chip Select Output Enable Data Inputs/Outputs Power(+5.0V) Ground No Connection
A12 A14 A16 A18 A11 A13 A15 A17 A19
CS WE OE
-3-
Rev. 2.0 July 2004
K6R4004C1D
ABSOLUTE MAXIMUM RATINGS*
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Power Dissipation Storage Temperature Operating Temperature Commercial Industrial Symbol VIN, VOUT VCC PD TSTG TA TA Rating -0.5 to VCC+0.5 -0.5 to 7.0 1.0 -65 to 150 0 to 70 -40 to 85
PRELIMINARY CMOS SRAM
Unit V V W C C C
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS*(TA=0 to 70C)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 4.5 0 2.2 -0.5* Typ 5.0 0 Max 5.5 0 VCC+0.5** 0.8 Unit V V V V
* The above parameters are also guaranteed at industrial temperature range. ** VIL(Min) = -2.0V a.c(Pulse Width 8ns) for I 20mA. *** VIH(Max) = VCC + 2.0V a.c (Pulse Width 8ns) for I 20mA.
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70C, Vcc=5.0V10%, unless otherwise specified)
Parameter Input Leakage Current Output Leakage Current Operating Current Symbol ILI ILO VIN=VSS to VCC CS=VIH or OE=VIH or WE=VIL VOUT=VSS to VCC Min. Cycle, 100% Duty CS=VIL, VIN=VIH or VIL, IOUT=0mA Min. Cycle, CS=VIH f=0MHz, CSVCC-0.2V, VINVCC-0.2V or VIN0.2V IOL=8mA IOH=-4mA Com. Ind. 10ns 10ns Test Conditions Min -2 -2 2.4 Max 2 2 65 75 20 5 0.4 V V Unit A A
ICC ISB
mA mA
Standby Current Output Low Voltage Level Output High Voltage Level
ISB1 VOL VOH
* The above parameters are also guaranteed at industrial temperature range.
CAPACITANCE*(TA=25C, f=1.0MHz)
Item Input/Output Capacitance Input Capacitance
* Capacitance is sampled and not 100% tested.
Symbol CI/O CIN
Test Conditions VI/O=0V VIN=0V
TYP -
Max 8 6
Unit pF pF
-4-
Rev. 2.0 July 2004
K6R4004C1D
AC CHARACTERISTICS(TA=0 to 70C, VCC=5.0V10%, unless otherwise noted.)
TEST CONDITIONS*
Parameter Input Pulse Levels Input Rise and Fall Times Input and Output timing Reference Levels Output Loads
* The above test conditions are also applied at industrial temperature range.
PRELIMINARY CMOS SRAM
Value 0V to 3V 3ns 1.5V See below
Output Loads(A)
Output Loads(B) for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ +5.0V RL = 50
DOUT
VL = 1.5V
ZO = 50 30pF*
480 DOUT 255 5pF*
* Capacitive Load consists of all components of the test environment.
* Including Scope and Jig Capacitance
READ CYCLE*
Parameter Read Cycle Time Address Access Time Chip Select to Output Output Enable to Valid Output Chip Enable to Low-Z Output Output Enable to Low-Z Output Chip Disable to High-Z Output Output Disable to High-Z Output Output Hold from Address Change Chip Selection to Power Up Time Chip Selection to Power DownTime Symbol tRC tAA tCO tOE tLZ tOLZ tHZ tOHZ tOH tPU tPD
K6R4004C1D-10
Min 10 3 0 0 0 3 0 -
Max 10 10 5 5 5 10
Unit ns ns ns ns ns ns ns ns ns ns ns
* The above parameters are also guaranteed at industrial temperature range.
-5-
Rev. 2.0 July 2004
K6R4004C1D
WRITE CYCLE*
Parameter Write Cycle Time Chip Select to End of Write Address Set-up Time Address Valid to End of Write Write Pulse Width(OE High) Write Pulse Width(OE Low) Write Recovery Time Write to Output High-Z Data to Write Time Overlap Data Hold from Write Time End of Write to Output Low-Z Symbol tWC tCW tAS tAW tWP tWP1 tWR tWHZ tDW tDH tOW
K6R4004C1D-10
PRELIMINARY CMOS SRAM
K6R4004C1D-12
Min 10 7 0 7 7 10 0 0 5 0 3
Max 5 -
Min 12 8 0 8 8 12 0 0 6 0 3
Max 6 -
Unit ns ns ns ns ns ns ns ns ns ns ns
* The above parameters are also guaranteed at industrial temperature range.
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tRC Address tOH Data Out Previous Valid Data tAA Valid Data
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
tRC Address tAA tCO tHZ(3,4,5)
CS
tOHZ OE tOLZ Data out ICC ISB
NOTES(READ CYCLE) 1. WE is high for read cycle. 2. All read cycle timing is referenced from the last valid address to the first transition address. 3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL levels. 4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device. 5. Transition is measured 200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested. 6. Device is continuously selected with CS=VIL. 7. Address valid prior to coincident with CS transition low. 8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle. High-Z
tOE tDH Valid Data tPD 50% 50%
tLZ(4,5) tPU
VCC Current
-6-
Rev. 2.0 July 2004
K6R4004C1D
TIMING WAVEFORM OF WRITE CYCLE(1) (OE= Clock)
tWC Address tAW OE tCW(3) CS tAS(4) WE tDW Data in High-Z tOHZ(6) Data out High-Z(8) Valid Data tWP(2)
PRELIMINARY CMOS SRAM
tWR(5)
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (OE=Low Fixed)
tWC Address tAW CS tAS(4) WE tDW Data in High-Z tWHZ(6) Data out High-Z(8) Valid Data tOW
(10) (9)
tCW(3) tWP1(2)
tWR(5)
tDH
TIMING WAVEFORM OF WRITE CYCLE(3) (CS=Controlled)
tWC Address tAW CS tAS(4) WE tDW Data in tDH tCW(3) tWP(2) tWR(5)
High-Z
tLZ tWHZ(6)
Valid Data
High-Z
Data out
High-Z
High-Z(8)
-7-
Rev. 2.0 July 2004
K6R4004C1D
NOTES(WRITE CYCLE)
PRELIMINARY CMOS SRAM
1. All write cycle timing is referenced from the last valid address to the first transition address. 2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ; A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write. 3. tCW is measured from the later of CS going low to end of write. 4. tAS is measured from the address valid to the beginning of write. 5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high. 6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output must not be applied because bus contention can occur. 7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle. 8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state. 9. Dout is the read data of the new address. 10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
FUNCTIONAL DESCRIPTION
CS H L L L
* X means Dont Care.
WE X H H L
OE X* H L X
Mode Not Select Output Disable Read Write
I/O Pin High-Z High-Z DOUT DIN
Supply Current ISB, ISB1 ICC ICC ICC
-8-
Rev. 2.0 July 2004
K6R4004C1D
PACKAGE DIMENSIONS
32-SOJ-400
#32 #17
PRELIMINARY CMOS SRAM
Units:millimeters/Inches
10.16 0.400
11.18 0.12 0.440 0.005
9.40 0.25 0.370 0.010
0.20 #1 21.36 MAX 0.841 20.95 0.12 0.825 0.005 ( 1.30 ) 0.051 ( 1.30 ) 0.051 ( 0.95 ) 0.0375 0.43
+0.10 -0.05
+0.10 -0.05
#16 0.69 0.027 MIN
0.008 +0.004 -0.002
3.76 MAX 0.148
0.10 MAX 0.004
0.017 +0.004 -0.002
1.27 0.050
0.71
+0.10 -0.05
0.028 +0.004 -0.002
-9-
Rev. 2.0 July 2004


▲Up To Search▲   

 
Price & Availability of K6R4016C1D-TL0810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X